PART |
Description |
Maker |
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC1515SERIES LTC1515 LTC1515CS8 LTC1515CS8-3_5 LT |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset From old datasheet system
|
LINER[Linear Technology]
|
LTC1514-3. LTC1514-5 LTC1514-3.3 LTC1514CS8-3.3 LT |
From old datasheet system Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
|
LINEAR TECHNOLOGY CORP
|
WD1015 WD1015EA |
1.5MHz, 1.0A, Step-down DC-DC Converter Synchronous Step-Down Regulator in SOT
|
TY Semiconductor Co., Ltd TY Semicondutor
|
AN8015SH |
Single-channel step-down, step-up, or inverting use DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
FAN5602MP33X FAN5602MP45X FAN5602 FAN5602MP5X FAN5 |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
FAIRCHILD[Fairchild Semiconductor]
|
MB3883PV MB3883PFV MB3883 |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down 6-ch DC/DC Converter IC With Synchronous Rectification for voltage step-up and step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
2023-8024 2023-8230 2022-9024 |
RELAIS STEP MODULAR 24VA RELAIS STEP MODUL. 230VA RELAIS STEP MODULAR 24VD 继电器步模块4VD
|
Molex, Inc.
|
AN8013SH |
Single-channel step-up or step-down DC-DC converter control IC
|
Panasonic Corporation
|